PART |
Description |
Maker |
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
XR-2001 XR-2002 XR2001 XR-2003 |
(XR-2001 - XR2-004) High Voltage / High Current Darlington Transistor Arrays (XR2001 - XR2004) High Voltage / High Current Darlington Transistor Arrays
|
Exar
|
ULN2003 ULN2004 |
(ULN2003 / ULN2004) High-Voltage High-Current Darlington Arrays High-Voltage, High - Current Darlington Arrays
|
FCI First Components International
|
NCV1413BDR2G |
High Voltage, High Current Darlington Transistor Arrays 0.5 A, 50 V, 7 CHANNEL, NPN, Si, POWER TRANSISTOR High Voltage, High Current Darlington Transistor Arrays(楂?????澶х?娴??杈炬?椤挎?浣???靛?)
|
ON Semiconductor
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
MAX6457 MAX6457UKD-T MAX6458 MAX6458UKD-T MAX6459 |
150 ms, high-voltage, low-current voltage monitor in SOT package " High-Voltage, Low-Current Over Voltage/ Under Voltage Monitor in SOT Package" " High-Voltage, Low-Current Voltage Monitors in SOT Packages" High-Voltage / Low-Current Voltage Monitors in SOT Packages
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
LTC4000-15 |
High Voltage High Current Controller for Battery Charging and Power Management
|
Linear Technology
|
MAX16833 MAX16833B MAX16833D |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
Maxim Integrated Products, Inc.
|